PART |
Description |
Maker |
10129126 |
WaveReady 3500, 5 U Rack-mount Shelf WaveReady⑩ 3500, 5 U Rack-mount Shelf
|
JDS Uniphase Corporation
|
UPM302.1-1V UPM302.1-81V UPM502.1-1V UPM502.1-81V |
1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE 2 X 1 INCH, 0.475 INCH HEIGHT, POWER, VERTICAL HEAT SINK, SMT PACKAGE
|
Power-One, Inc. POWER-ONE INC
|
PE44138 |
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
PE4913 |
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises,...
|
5082-7650 5082-7650-DD000 5082-7650-DE000 HDSP-360 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays(7.6 mm (0.3 英寸)/10.9 mm (0.43英寸) 七段显示 7.6 mm (0.3 inch) Overflow Character Displays 10.9mm(0.43inch)SevenSegmentDisplays
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display 7.6毫米.3英寸10.9毫米.43英寸),七段显示
|
Agilent(Hewlett-Packard) Bivar, Inc.
|
DNDMV19 DNDMV19BK1 |
Mounting Hardware not Supplied with Shelf
|
Hammond Manufacturing Ltd. Hammond Manufacturing L...
|
HDSP-8601 HDSP-8606 HDSP-8603 HDSP-8605 HDSP-N156 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel 20毫米.8英寸),七段显示 20 mm (0.8 inch) Seven Segment Displays 20毫米.8英寸),七段显示 Octal General-Purpose Interface Bus Transceiver 20-SOIC 0 to 70 20毫米.8英寸),七段显示 Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs 20毫米.8英寸),七段显示 HDSP-3906-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3900-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4206 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3906 · 20 mm (0.8 inch) Overflow Character Displays HDSP-4201 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4203 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4205 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3905 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8605 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N151 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N153 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N155 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N156 · 20 mm (0.8 inch) Overflow Character Displays
|
NXP Semiconductors N.V. 3M Company Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
B-1661824 B-1661830 B-1662436 |
MIRROR WITH STAINLESS STEEL CHANNEL FRAME AND SHELF
|
List of Unclassifed Manufacturers http://
|
SRSHELF4PSL |
SmartRack Standard Sliding Shelf (50 lb/23 kg capacity; 28.3 in/719 mm depth)
|
Tripp Lite. All Rights ...
|
F9038 |
Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
|
Kemet Corporation
|
SRSHELF2P1U |
SmartRack 1U Cantilever Fixed Shelf (40 lb / 18 kg capacity; 12-in. / 305 mm depth.)
|
Tripp Lite. All Rights ...
|